Part Number Hot Search : 
FDMS6681 KBL407G LC00A NTROLBR SST824 SP385ECT 2SC2834A SM220
Product Description
Full Text Search
 

To Download ICS9248-81 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Integrated Circuit Systems, Inc.
ICS9248- 81
Frequency Generator & Integrated Buffers
General Description
The ICS9248-81 is the single chip clock solution for Desktop/ Notebook designs using the SIS style chipset. It provides all necessary clock signals for such a system. Spread spectrum may be enabled through I2C programming. Spread spectrum typically reduces system EMI by 8dB to 10dB. This simplifies EMI qualification without resorting to board design iterations or costly shielding. The ICS9248-81 employs a proprietary closed loop design, which tightly controls the percentage of spreading over process and temperature variations. Serial programming I2C interface allows changing functions, stop clock programming and frequency selection. The SD_SEL latched input allows the SDRAM frequency to follow the CPUCLK frequency(SD_SEL=1) or other clock frequencies (SD_SEL=0)
Features
Generates the following system clocks: - 3 CPU(2.5V/3.3V) up to 133.3MHz. - 6 PCI(3.3V) (including 1 free-running) - 13 SDRAMs(3.3V) up to 133.3MHz. - 3 REF (3.3V) @ 14.318MHz - 1 clock @ 24/14.3 MHz selectable output for SIO - 1 Fixed clock at 48MHz (3.3V) - 1 IOAPIC @ 2.5V / 3.3V Skew characteristics: - CPU CPU<175ps - SDRAM SDRAM < 250ps - CPUSDRAM < 500ps - CPU(early) PCI : 1-4ns (typ. 3ns) - PCI PCI <500ps Supports Spread Spectrum modulation 0.25 & 0.5% center spread Serial I2C interface for Power Management, Frequency Select, Spread Spectrum. Efficient Power management scheme through PCI, SDRAM, CPU STOP CLOCKS and PD#. Uses external 14.318MHz crystal 48 pin 300mil SSOP.

Block Diagram
Pin Configuration
Power Groups
VDDREF = REF [2:0], X1, X2 VDDPCI = PCICLK_F, PCICLK [4:0] VDDSD/C = SDRAM [11:0], supply for PLL core, 24 MHz, 48MHz VDD/CPU = CPUCLK [3:1] VDDLAPIC = IOAPIC GNDFIX = Ground for fixed clock PLL and output buffers
9248-81 Rev E 10/12/99
48-Pin SSOP
* Internal Pull-up Resistor of 120K to 3.3V on indicated inputs
Pentium is a trademark of Intel Corporation I2C is a trademark of Philips Corporation
ICS reserves the right to make changes in the device data identified in this publication without further notice. ICS advises its customers to obtain the latest version of all device data to verify that any information being relied upon by the customer is current and accurate.
ICS9248 -81
Pin Descriptions
Pin number
1 21,2 3,9,16,22, 27,33,39 4 5 6,14 71,2 81,2 13, 12, 11, 10 15,28,29,31,32, 34,35,37,38 17
1
Pin name
VDDR/X REF0 Mode GND X1 X2 VDDPCI FS1 PCICLK_F PCICLK 0 FS2 PCICLK [4:1] SDRAM 12, SDRAM [7:0] SDRAM 11 CPU_STOP# SDRAM 10
Type
Power Output Input Power Input Output Power Input Output Output Input Output Output Output Input Output Input Power Output Input Output Input Input Input Input Output Input Output Power 0utput Power Output Input Power Output Input Output Power
Description
Isolated 3.3 V power for crystal & reference 3.3V, 14.318 MHz reference clock output. Function select pin, 1=desk top mode, 0=mobile mode. Latched input. 3.3 V Ground 14.318 MHz crystal input 14.318 MHz crystal output 3.3 V power for the PCI clock outputs Logic input frequency select bit. Input latched at power-on. 3.3 V free running PCI clock output, will not be stopped by the PCI_STOP# 3.3 V PCI clock outputs, generating timing requirements for Pentium II Logic input frequency select bit. Input latched at power-on. 3.3 V PCI clock outputs, generating timing requirements for Pentium II SDRAM clock outputs. Frequency is selected by SD-Sel latched input. SDRAM clock outputs. Frequency is selected by SD-Sel latched input. Asynchronous active low input pin used to stop the CPUCLK in low state, all other clocks will continue to run. The CPUCLK will have a "Turnon" latency of at least 3 CPU clocks. SDRAM clock outputs. Frequency is selected by SD-SEL latched input. Synchronous active low input used to stop the PCICLK in a low state. It will not effect PCICLK_F or any other outputs. 3.3 V power for SDRAM outputs and core SDRAM clock outputs. Frequency is selected by SD-Sel latched input. Asynchronous active low input used to stop the SDRAM in a low state. It will not effect any other outputs. SDRAM clock outputs. Frequency is selected by SD-Sel latched input. Asynchronous active low input pin used to power down the device into a low power state. The internal clocks are disabled and the VCO and the crystal are stopped. The latency of the power down will not be greater than 3ms. Data input for I 2C serial input. Clock input of I 2C input This input pin controls the frequency of the SIO. If logic 0 at power on SIO=14.318 MHz . If logic 1 at power-on SIO=24MHz. Super I/O output. 24 or 14.318 MHz. Selectable at power-up by SEL24_14MHz Logic input frequency select bit. Input latched at power-on. 3.3 V 48 MHz clock output, fixed frequency clock typically used with USB devices 3.3 V power for SDRAM outputs 2.5 V CPU and Host clock outputs 2.5 V power for CPU 3.3V, 14.318 MHz reference clock output. This pin selects the operating voltage for the CPU. If logic 0 at power on CPU=3.3 V and if logic 1 at power on CPU=2.5 V operating voltage. 2.5 V Ground for the IOAPIC or CPU 3.3V, 14.318 MHz reference clock output. This input pin controls the frequency of the SDRAM. 2.5V fixed 14.318 MHz IOAPIC clock outputs 2.5 V power for IOAPIC
18
1
PCI-STOP# VDDSD/C SDRAM 9 SDRAM_STOP# SDRAM 8
19 20
1
21
1
PD# SDATA SCLK SEL24_14# SIO FS0
23 24 25
1,2
26
1,2
48 MHz VDDSDR CPUCLK [3:1] VDDLCPU REF2 CPU3.3#_2.5 GNDL REF1 SD_SEL IOAPIC VDDLAPIC
30,36 40,41,43 42 44
1,2
45 46
1,2
47 48
Notes: 1: Internal Pull-up Resistor of 120K to 3.3V on indicated inputs 2: Bidirectional input/output pins, input logic levels are latched at internal power-on-reset. Use 10Kohm resistor to program logic Hi to VDD or GND for logic low.
2
ICS9248-81
Mode Pin - Power Management Input Control
MODE, Pin 2 (Latched Input) 0 1 Pin 17 CPU_STOP# (INPUT) SDRAM 11 (OUTPUT) Pin 18 PCI_STOP# (INPUT) SDRAM 10 (OUTPUT) Pin 20 SDRAM_STOP# (INPUT) SDRAM9 (OUTPUT) Pin 21 PD# (INPUT) SDRAM8 (OUTPUT)
Power Management Functionality
PD# CPU_STOP# PCI_STOP# SDRAM_STOP PCICLK (0:4) SDRAM (0:12) PCICLK_F CPUCLK Crystal OSC VCO
0 1 1 1 1 1 1 1 1
X 1 1 1 1 0 0 0 0
X 1 1 0 0 1 1 0 0
X 1 0 1 0 1 0 1 0
Stopped Low Running Running Stopped Low Stopped Low Running Running Stopped Low Stopped Low
Stopped Low Running Stopped Low Running Stopped Low Running Stopped Low Running Stopped Low
Stopped Low Running Running Running Running Running Running Running Running
Stopped Low Running Running Running Running Stopped Low Stopped Low Stopped Low Stopped Low
Stopped Low Running Running Running Running Running Running Running Running
Stopped Low Running Running Running Running Running Running Running Running
CPU 3.3#_2.5V Buffer selector for CPUCLK drivers.
CPU3.3#_2.5
Input level (Latched Data)
Buffer Selected for operation at: 2.5V VDD 3.3V VDD
1 0
3
ICS9248 -81
Functionality
VDD1, 2, 3, 4 = 3.3V5%, VDDL = 2.5V 5% or 3.3 5%, TA= 0 to 70C Crystal (X1, X2) = 14.31818MHz
CPU MHZ 90.00 66.70 95.00 100.00 100.00 112.00 124.00 133.30 66.70 75.00 83.30 95.00 100.00 112.00 124.00 133.30 SDRAM MHZ 90.00 100.05 63.33 66.66 75.00 74.66 82.66 88.86 66.70 75.00 83.30 95.00 100.00 112.00 124.00 133.30 PCI MHZ 30.00 33.35 31.66 33.33 30.00 37.33 31.00 33.32 33.35 30.00 33.32 31.66 33.33 37.33 31.00 33.33 REF, IOAPIC MHZ 14.318 14.318 14.318 14.318 14.318 14.318 14.318 14.318 14.318 14.318 14.318 14.318 14.318 14.318 14.318 14.318
SD_SEL 0 0 0 0 0 0 0 0 1 1 1 1 1 1 1 1
FS2 0 0 0 0 1 1 1 1 0 0 0 0 1 1 1 1
FS1 0 0 1 1 0 0 1 1 0 0 1 1 0 0 1 1
FS0 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1
4
ICS9248-81
The information in this section assumes familiarity with I2C programming. For more information, contact ICS for an I2C programming application note.
General I2C serial interface information
How to Write:
Controller (host) sends a start bit. Controller (host) sends the write address D2 (H) ICS clock will acknowledge Controller (host) sends a dummy command code ICS clock will acknowledge Controller (host) sends a dummy byte count ICS clock will acknowledge Controller (host) starts sending first byte (Byte 0) through byte 5 ICS clock will acknowledge each byte one at a time. Controller (host) sends a Stop bit
How to Read:
Controller (host) will send start bit. Controller (host) sends the read address D3 (H) ICS clock will acknowledge ICS clock will send the byte count Controller (host) acknowledges ICS clock sends first byte (Byte 0) through byte 5 Controller (host) will need to acknowledge each byte Controller (host) will send a stop bit
How to Write:
Controller (Host) Start Bit Address D2(H) Dummy Command Code ACK Dummy Byte Count ACK Byte 0 ACK Byte 1 ACK Byte 2 ACK Byte 3 ACK Byte 4 ACK Byte 5 ACK Stop Bit
ACK Stop Bit ACK Byte 5 ACK Byte 4 ACK Byte 3 ACK Byte 2 ACK Byte 1 ACK Byte 0
ICS (Slave/Receiver)
How to Read:
Controller (Host) Start Bit Address D3(H) ICS (Slave/Receiver)
ACK
ACK Byte Count
Notes:
1. 2. 3. 4. 5. The ICS clock generator is a slave/receiver, I2C component. It can read back the data stored in the latches for verification. Read-Back will support Intel PIIX4 "Block-Read" protocol. The data transfer rate supported by this clock generator is 100K bits/sec or less (standard mode) The input is operating at 3.3V logic levels. The data byte format is 8 bit bytes. To simplify the clock generator I2C interface, the protocol is set to use only "Block-Writes" from the controller. The bytes must be accessed in sequential order from lowest to highest byte with the ability to stop after any complete byte has been transferred. The Command code and Byte count shown above must be sent, but the data is ignored for those two bytes. The data is loaded until a Stop sequence is issued. At power-on, all registers are set to a default condition, as shown.
6.
5
ICS9248 -81
Serial Configuration Command Bitmap
Byte 0: Functionality and frequency select register (Default = 0)
Bit Bit 7
Description 0 - 0.25% Center Spread Spectrum 1 - 0.5% Center Spread Spectrum Bit (2, 6:4) CPUCLK SDRAM
PWD 1 PCICLK
0000 90.00 30.00 90.00 0001 66.70 33.35 100.05 0010 95.00 31.66 63.33 0011 100.00 33.33 66.66 0100 100.00 30.00 75.00 0101 112.00 37.33 74.66 0110 124.00 31.00 82.66 Bit 0111 133.30 33.32 88.86 (2, 6:4) 1000 66.70 33.35 66.70 1001 75.00 30.00 75.00 1010 83.30 33.32 83.30 1011 95.00 31.66 95.00 1100 100.00 33.33 100.00 1101 112.00 37.33 112.00 1110 124.00 31.00 124.00 1111 133.30 33.33 133.30 0 - Frequency s se ec ed by h ae Bit 3 1 - Frequency iis sellectted by Batrdw6r4 select, latched inputs i 2, : 0 - No a Bit 1 1 - Sprrmd lspectrum enabled ea 0 - Running Bit 0 1 - Tristate all outputs
Note 1: Default at power-up will be for latched logic inputs to define frequency. Note 2: PWD = Power-Up Default
XXXX Note 1
0 1 0
6
ICS9248-81
Byte 1: CPU, Active/Inactive Register (1 = enable, 0 = disable)
Bit Bit 7 Bit 6 Bit 5 Bit 4 Bit 3 Bit 2 Bit 1 Bit 0 Pin # 40 41 43 PWD 1 1 1 1 1 1 1 X Description (Reserved) (Reserved) (Reserved) (Reserved) CPUCLK3 CPUCLK2 CPUCLK1 FS0#
Byte 2: PCI Active/Inactive Register (1 = enable, 0 = disable)
Bit Bit 7 Bit 6 Bit 5 Bit 4 Bit 3 Bit 2 Bit 1 Bit 0 Pin # 7 13 12 11 10 8 PWD X 1 1 1 1 1 1 1 Description FS1# PCICLK_F (Reserved) PCICLK4 PCICLK3 PCICLK2 PCICLK1 PCICLK0
Notes: 1. Inactive means outputs are held LOW and are disabled from switching.
Notes: 1. Inactive means outputs are held LOW and are disabled from switching. Byte 4: SDRAM Active/Inactive Register (1 = enable, 0 = disable)
Bit Bit 7 Bit 6 Bit 5 Bit 4 Bit 3 Bit 2 Bit 1 Bit 0 Pin # 25 26 15 17 18 20 21 PWD 1 1 1 1 1 1 1 1 Description (Reserved) 24/14MHz 48MHz SDRAM12 SDRAM11 SDRAM10 SDRAM9 SDRAM8
Byte 3: SDRAM Active/Inactive Register (1 = enable, 0 = disable)
Bit Bit 7 Bit 6 Bit 5 Bit 4 Bit 3 Bit 2 Bit 1 Bit 0 Pin # 28 29 31 32 34 35 37 38 PWD 1 1 1 1 1 1 1 1 Description SDRAM7 SDRAM6 SDRAM5 SDRAM4 SDRAM3 SDRAM2 SDRAM1 SDRAM0
Notes: 1. Inactive means outputs are held LOW and are disabled from switching. Byte 5: Peripheral Active/Inactive Register (1 = enable, 0 = disable)
Bit Bit 7 Bit 6 Bit 5 Bit 4 Bit 3 Bit 2 Bit 1 Bit 0 Pin # 47 44 46 2 PWD 1 X 1 1 X 1 1 1 Description (Reserved) FS2# (Reserved) IOAPIC SD_SEL# REF2 REF1 REF0
Notes: 1. Inactive means outputs are held LOW and are disabled from switching.
Notes: 1. Inactive means outputs are held LOW and are disabled from switching.
7
ICS9248 -81
CPU_STOP# Timing Diagram
CPU_STOP# is an asychronous input to the clock synthesizer. It is used to turn off the CPU clocks for low power operation. CPU_STOP# is synchronized by the ICS9248-81. The minimum that the CPU clock is enabled (CPU_STOP# high pulse) is 100 CPU clocks. All other clocks will continue to run while the CPU clocks are disabled. The CPU clocks will always be stopped in a low state and start in such a manner that guarantees the high pulse width is a full pulse. CPU clock on latency is less than 4 CPU clocks and CPU clock off latency is less than 4 CPU clocks.
Notes: 1. All timing is referenced to the internal CPU clock. 2. CPU_STOP# is an asynchronous input and metastable conditions may exist. This signal is synchronized to the CPU clocks inside the ICS9248-81. 3. All other clocks continue to run undisturbed. (including SDRAM outputs).
8
ICS9248-81
SDRAM_STOP# Timing Diagram
SDRAM_STOP# is an sychronous input to the clock synthesizer. It is used to turn off the CPU clocks for low power operation. SDRAM_STOP# is synchronized by the ICS9248-81. All other clocks will continue to run while the SDRAM clocks are disabled. The SDRAM clocks will always be stopped in a low state and start in such a manner that guarantees the high pulse width is a full pulse.
Notes: 1. All timing is referenced to the internal CPU clock. 2. SDRAM is an asynchronous input and metastable conditions may exist. This signal is synchronized to the SDRAM clocks inside the ICS9248-81. 3. All other clocks continue to run undisturbed.
9
ICS9248 -81
PCI_STOP# Timing Diagram
PCI_STOP# is an synchronous input to the ICS9248-81. It is used to turn off the PCICLK (0:4) clocks for low power operation. PCI_STOP# is synchronized by the ICS9248-81 internally. The minimum that the PCICLK (0:4) clocks are enabled (PCI_STOP# high pulse) is at least 10 PCICLK (0:4) clocks. PCICLK (0:4) clocks are stopped in a low state and started with a full high pulse width guaranteed. PCICLK (0:4) clock on latency cycles are only one rising PCICLK clock off latency is one PCICLK clock.
Notes: 1. All timing is referenced to the Internal CPUCLK (defined as inside the ICS9248 device.) 2. PCI_STOP# is an asynchronous input, and metastable conditions may exist. This signal is required to be synchronized inside the ICS9248. 3. All other clocks continue to run undisturbed. 4. CPU_STOP# is shown in a high (true) state.
10
ICS9248-81
Shared Pin Operation Input/Output Pins
The I/O pins designated by (input/output) on the ICS924881 serve as dual signal functions to the device. During initial power-up, they act as input pins. The logic level (voltage) that is present on these pins at this time is read and stored into a 4-bit internal data latch. At the end of Power-On reset, (see AC characteristics for timing values), the device changes the mode of operations for these pins to an output function. In this mode the pins produce the specified buffered clocks to external loads. To program (load) the internal configuration register for these pins, a resistor is connected to either the VDD (logic 1) power supply or the GND (logic 0) voltage potential. A 10 Kilohm(10K) resistor is used to provide both the solid CMOS programming voltage needed during the power-up programming period and to provide an insignificant load on the output clock during the subsequent operating period. Figs. 1 and 2 show the recommended means of implementing this function. In Fig. 1 either one of the resistors is loaded onto the board (selective stuffing) to configure the devices internal logic. Figs. 2a and b provide a single resistor loading option where either solder spot tabs or a physical jumper header may be used. These figures illustrate the optimal PCB physical layout options. These configuration resistors are of such a large ohmic value that they do not effect the low impedance clock signals. The layouts have been optimized to provide as little impedance transition to the clock signal as possible, as it passes through the programming resistor pad(s).
Fig. 1
11
ICS9248 -81
Fig. 2a
Fig. 2b
12
ICS9248-81
Absolute Maximum Ratings
Supply Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . Logic Inputs . . . . . . . . . . . . . . . . . . . . . . . . . . . . Ambient Operating Temperature . . . . . . . . . . . . Storage Temperature . . . . . . . . . . . . . . . . . . . . . . Case Temperature . . . . . . . . . . . . . . . . . . . . . . . . 5.5 V GND 0.5 V to VDD +0.5 V 0C to +70C 65C to +150C 115C
Stresses above those listed under Absolute Maximum Ratings may cause permanent damage to the device. These ratings are stress specifications only and functional operation of the device at these or any other conditions above those listed in the operational sections of the specifications is not implied. Exposure to absolute maximum rating conditions for extended periods may affect product reliability.
Electrical Characteristics - Input/Supply/Common Output Parameters
TA = 0 - 70C; Supply Voltage VDD = VDDL = 3.3 V +/-5% (unless otherwise stated) PARAMETER SYMBOL CONDITIONS MIN Input High Voltage VIH 2 Input Low Voltage VIL VSS-0.3 Input High Current IIH VIN = VDD Input Low Current IIL1 VIN = 0 V; Inputs with no pull-up resistors -5 VIN = 0 V; Inputs with pull-up resistors -200 Input Low Current IIL2 Operating IDD3.3OP66 CL = 0 pF; Select @ 66MHz Supply Current IDD3.3OP100 CL = 0 pF; Select @ 100MHz Power Down IDD3.3PD CL = 0 pF; With input address to Vdd or GND Supply Current VDD = 3.3 V; 11 Input frequency Fi Input Capacitance1 CIN Logic Inputs CINX X1 & X2 pins 27 Transition Time1 Ttrans To 1st crossing of target Freq. Clk Stabilization1 TSTAB From VDD = 3.3 V to 1% target Freq. tCPU-SDRAM1 VT = 1.5 V Skew1 tCPU-PCI1 VT = 1.5 V 1
1
TYP
0.1 2.0 -100 60 66 70 14.318 36
MAX UNITS VDD+0.3 V 0.8 V A 5 A A 180 mA 180 mA A 600 16 5 45 3 3 500 4 MHz pF pF ms ms ps ns
200 3
Guaranteed by design, not 100% tested in production.
Electrical Characteristics - Input/Supply/Common Output Parameters
TA = 0 - 70C; Supply Voltage VDD = 3.3 V +/-5%, VDDL = 2.5 V +/-5% (unless otherwise stated) PARAMETER Operating Supply Current Skew
1 1
SYMBOL IDD2.5OP66 IDD2.5OP100 tCPU-SDRAM2 tCPU-PCI2
CONDITIONS CL = 0 pF; Select @ 66.8 MHz CL = 0 pF; Select @ 100 MHz VT = 1.5 V; VTL = 1.25 V VT = 1.5 V; VTL = 1.25 V
MIN
1
TYP 16 23 200 3
MAX UNITS 72 mA 100 mA 500 ps 4 ns
Guaranteed by design, not 100% tested in production.
13
ICS9248 -81
Electrical Characteristics - CPUCLK
TA = 0 - 70C; VDD = VDDL = 3.3 V +/-5%; CL = 10 - 20 pF (unless otherwise stated) PARAMETER SYMBOL CONDITIONS Output High Voltage VOH1a IOH = -12.0 mA IOL = 12 mA Output Low Voltage VOL1a Output High Current IOH1a VOH = 2 V Output Low Current IOL1a VOL = 0.8 V VOL = 0.4 V, VOH = 2.4 V Rise Time tr1a1 1 Fall Time tf1a VOH = 2.4 V, VOL = 0.4 V 1 VT = 1.5 V Duty Cycle dt1a VT = 1.5 V Skew tsk1a1 1 VT = 1.5 V Jitter, Cycle-to-cycle tjcyc-cyc1a 1 VT = 1.5 V Jitter, One Sigma tj1s1a VT = 1.5 V tjabs1a1 Jitter, Absolute
1
MIN 2.4
19
45
-250
TYP 2.6 0.2 -41 37 1.5 1.5 48 30 150 40 140
MAX UNITS V 0.4 V -19 mA mA 2 ns 2 ns 55 % 175 ps 250 ps 150 ps +250 ps
Guaranteed by design, not 100% tested in production.
Electrical Characteristics - CPUCLK
TA = 0 - 70C; VDD = 3.3 V +/-5%, VDDL = 2.5 V +/-5%; CL = 10 - 20 pF (unless otherwise stated) PARAMETER SYMBOL CONDITIONS MIN TYP IOH = -12.0 mA 2 2.3 Output High Voltage VOH1B Output Low Voltage VOL1B IOL = 12 mA 0.2 Output High Current IOH1B VOH = 1.7 V -41 Output Low Current IOL1B VOL = 0.7 V 19 37 1 Rise Time tr1B VOL = 0.4 V, VOH = 2.0 V 1.25 VOH = 2.0 V, VOL = 0.4 V 1 Fall Time tf1B1 1 VT = 1.25 V 45 48 Duty Cycle dt1B VT = 1.25 V 30 Skew tsk1B1 1 VT = 1.25 V 150 Jitter, Cycle-to-cycle tjcyc-cyc1B 1 VT = 1.25 V 40 Jitter, One Sigma tj1s1B tjabs1B1 VT = 1.25 V Jitter, Absolute -250 140
1
MAX UNITS V 0.4 V -19 mA mA 1.6 ns 1.6 ns 55 % 175 ps 250 ps 150 ps +250 ps
Guaranteed by design, not 100% tested in production.
14
ICS9248-81
Electrical Characteristics - PCICLK
TA = 0 - 70C; VDD = 3.3 V +/-5%; VDDL = 2.5 V +/-5%; CL = 30 pF PARAMETER SYMBOL CONDITIONS Output High Voltage VOH2 IOH = -11 mA IOL = 9.4 mA Output Low Voltage VOL2 Output High Current IOH2 VOH = 2.0 V Output Low Current IOL2 VOL = 0.8 V Rise Time Fall Time
1 1
MIN 2.4
16
TYP 3.1 0.1 -62 57 1.5 1.1
MAX UNITS V 0.4 V -22 mA mA 2.6 2 55 500 500 150 350 ns ns % ps ps ps ps
tr2 tf2 dt2 tsk2 tjcyc-cyc2 tj1s2 tjabs2
VOL = 0.4 V, VOH = 2.4 V VOH = 2.4 V, VOL = 0.4 V VT = 1.5 V VT = 1.5 V VT = 1.25 V VT = 1.5 V VT = 1.5 V -350 45
1 1
Duty Cycle
50 140 250 17 70
Skew Jitter, Cycle-to-cycle Jitter, One Sigma Jitter, Absolute1
1 1
Guaranteed by design, not 100% tested in production.
Electrical Characteristics -SDRAM
TA = 0 - 70C; VDD = 3.3 V +/-5%; VDDL = 2.5 V +/-5%; CL = 30 pF PARAMETER SYMBOL CONDITIONS Output High Voltage VOH3 IOH = -11 mA Output Low Voltage VOL3 IOL = 9.4 mA Output High Current IOH3 VOH = 2.0 V Output Low Current IOL3 VOL = 0.8 V Rise Time1 Fall Time1 Duty Cycle1 tr3 tf3 dt3a dt3b dt3c tsk3a tsk3b tsk3c
tjcyc-cyc3
MIN 2.4
16
TYP 3.1 0.1 -62 57 1.5 1.1
MAX UNITS V 0.4 V -22 mA mA 2.6 2.2 57% 55 53 250 400 500 150 250 ns ns
VOL = 0.4 V, VOH = 2.4 V VOH = 2.4 V, VOL = 0.4 V VT = 1.5 V; Divide by 2 seclects<124MHz VT = 1.5 V; Divide by 3 seclects VT = 1.5 V; Selects >= 124MHz VT = 1.5 V; SDRAM0,8,9 VT = 1.5 V; All except SDRAM8 and 9 VT = 1.5 V; All SDRAMs VT = 1.25 V VT = 1.5 V VT = 1.5 V -250 47% 45 43
50 140 200 250 17 70
% ps
ps
Skew1 (Window)
Jitter, Cycle-to-cycle
Jitter, One Sigma Jitter, Absolute1
1
1
tj1s3 tjabs3
ps ps
Guaranteed by design, not 100% tested in production.
15
ICS9248 -81
Electrical Characteristics - REF/48MHz/SIO
TA = 0 - 70C; VDD = 3.3 V +/-5%; VDDL = 2.5 V +/-5%; CL = 20 pF PARAMETER Output High Voltage Output Low Voltage Output High Current Output Low Current Rise Time Fall Time
1 1 1 1
SYMBOL VOH4 VOL4 IOH4 IOL4 tr4 tf4 dt4 tj1s4 tjabs4
CONDITIONS IOH = -12 mA IOL = 10 mA VOH = 2.0 V VOL = 0.8 V VOL = 0.4 V, VOH = 2.4 V VOH = 2.4 V, VOL = 0.4 V VT = 1.5 V VT = 1.5 V VT = 1.5 V
MIN 2.4
16
TYP 2.6 0.3 -32 25 2 1.9
MAX UNITS V 0.4 V -22 mA mA 4 4 55 650 1 ns ns % ps ns
Duty Cycle
45 -1
53 500
Jitter, One Sigma Jitter, Absolute
1
1
Guaranteed by design, not 100% tested in production.
16
ICS9248-81
General Layout Precautions: 1) Use a ground plane on the top layer of the PCB in all areas not used by traces. 2) Make all power traces and ground traces as wide as the via pad for lower inductance.
Ferrite Bead VDD
C2 22F/20V Tantalum
C2 22F/20V Tantalum
Ferrite Bead VDD
1 2 3
C1
48
C3
47 46 45 44
C4 1 Clock Load 2.5V Power Route
4 5 6 7 8
Notes: 1) All clock outputs should have a series terminating resistor, and a 20pF capacitor to ground between the resistor and clock pin. Not shown in all places to improve readibility of diagram. 2) Optional crystal load capacitors are recommended. They should be included in the layout but not inserted unless needed. Connections to VDD:
C1
43 42
C3
41 40 39 38 37 36 35 34 33 32 31 30 29 28 27 26 25
3.3V Power Route Ground
3.3V Power Route
9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24
= Routed Power = Ground Connection Key (component side copper) = Ground Plane Connection = Power Route Connection = Solder Pads = Clock Load
17
ICS9248 -81
SYMBOL A A1 A2 B C D E e H h L N
X
COMMON DIMENSIONS MIN. NOM. MAX. .095 .101 .110 .008 .012 .016 .088 .090 .092 .008 .010 .0135 .005 .010 See Variations .292 .296 .299 0.025 BSC .400 .406 .410 .010 .013 .016 .024 .032 .040 See Variations 0 5 8 .085 .093 .100
VARIATIONS AC MIN. .620
D NOM. .625
N MAX. .630 48
Ordering Information
ICS9248yF-81
Example:
SSOP Package
ICS XXXX y F - PPP
Pattern Number (2 or 3 digit number for parts with ROM code patterns) Package Type F=SSOP
Revision Designator
Device Type (consists of 3 or 4 digit numbers) Prefix ICS, AV = Standard Device
18
ICS reserves the right to make changes in the device data identified in this publication without further notice. ICS advises its customers to obtain the latest version of all device data to verify that any information being relied upon by the customer is current and accurate.


▲Up To Search▲   

 
Price & Availability of ICS9248-81

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X